PART |
Description |
Maker |
0898CD15D1748 |
898/1748 MHz Dual Band Directional Coupler
|
Johanson Technology Inc.
|
0961024033SPD050 0961024026SPD051 0961024028SPD055 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits DREHPOTENTIOMETER DRAHT LIN 6.3MM 2K5 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 50R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 100R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 250R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 500R 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 25K 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 1K 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 50K 1W DREHPOTENTIOMETER金属丝林6.3毫米50KW
|
SIEMENS AG
|
ATA663454-14 |
LIN SBC including LIN Transceiver
|
ATMEL Corporation
|
ACPM-7821 ACPM-7821-BLK ACPM-7821-TR1 |
4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
|
AVAGO TECHNOLOGIES LIMITED
|
0898CF15A035E 0898CF15A035EPB 0898CF15A03509 0898C |
898 MHz Directional Coupler/ Low Pass Filter Combination
|
Johanson Technology Inc.
|
CMKD7000 |
SMD Switching Diode Dual Pair: In Series SURFACE MOUNT ULTRAmini DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor C...
|
TC5012BP TC5048AP TC4528BP TC4528BFN |
5000 SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 5000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 17-BIT UP BINARY COUNTER, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDSO16
|
|
908E624 MM908E624ACDWB/R MM908E624 |
Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
|
Motorola Inc Motorola, Inc.
|
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MC10H211 MC10H211FN MC10H211L MC10H211P ON0780 |
Dual 3-Input 3-Output NOR Gate 10H SERIES, DUAL 3-INPUT NOR GATE, CDIP16 Dual 3-Input 3-Output NOR Gate 10H SERIES, DUAL 3-INPUT NOR GATE, PDIP16 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|
NLU2G04AMX1TCG NLU2G04CMX1TCG |
Dual Inverter 2G SERIES, DUAL 1-INPUT INVERT GATE, DSO6
|
ON Semiconductor
|
AMIS30623C6239G AMIS30623C623ARG AMIS30623C623BRG |
Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection; Package: SOIC-20 Wide Body; No of Pins: 20; Container: Rail; Qty per Container: 38 STEPPER MOTOR CONTROLLER, 0.8 A, PDSO20 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection STEPPER MOTOR CONTROLLER, 0.8 A, QCC32 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection - Automotive Version STEPPER MOTOR CONTROLLER, 0.8 A, QCC32
|
TE Connectivity, Ltd. ON Semiconductor
|